Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
43
Ethernet Management Interface Electrical Characteristics
9
Ethernet Management Interface Electrical
Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock). The electrical characteristics for
GMII, RGMII, RMII, TBI, and RTBI are specified in “Section 8, “Enhanced Three-Speed Ethernet
(eTSEC), MII Management.”
9.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics
for MDIO and MDC are provided in Table 40.
9.2
MII Management AC Electrical Specifications
Table 41 provides the MII management AC timing specifications.
Table 40. MII Management DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage (3.3 V)
OVDD
3.135
3.465
V
—
Output high voltage (OVDD = Min, IOH = –1.0 mA)
VOH
2.10
3.60
V
—
Output low voltage (OVDD = Min, IOL = 1.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
1.95
—
V
—
Input low voltage
VIL
—0.90
V
—
Input high current (OVDD = Max, VIN = 2.1 V)
IIH
—40
μA1
Input low current (OVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA—
Note:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 41. MII Management AC Timing Specifications
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—
400
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDKHDX
(16 × tplb_clk) – 3
—
(16 × tplb_clk) + 3
ns
3, 4
MDIO to MDC setup time
tMDDVKH
5—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
—
—
10
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com