Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
25
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.3
SGMII Interface Electrical Characteristics
Each SGMII port features a 4-wire AC-coupled serial link from the dedicated SerDes 2 interface of
MPC8544E as shown in Figure 7, where CTX is the external (on board) AC-coupled capacitor. Each output
pin of the SerDes transmitter differential pair features 50-
Ω output impedance. Each input of the SerDes
receiver differential pair features 50-
Ω on-die termination to SGND_SRDS2 (xcorevss). The reference
circuit of the SerDes transmitter and receiver is shown in Figure 7.
When an eTSEC port is configured to operate in SGMII mode, the parallel interface’s output signals of
this eTSEC port can be left floating. The input signals should be terminated based on the guidelines
described in Section 21.5, “Connection Recommendations,” as long as such termination does not violate
the desired POR configuration requirement on these pins, if applicable.
When operating in SGMII mode, the eTSEC EC_GTX_CLK125 clock is not required for this port. Instead,
SerDes reference clock is required on SD2_REF_CLK and SD2_REF_CLK pins.
8.3.1
AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK
Table 23 lists the SGMII SerDes reference clock AC requirements. Please note that SD2_REF_CLK and
SD2_REF_CLK are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
Input low current (VIN = GND)
IIL
–600
—
μA3
Notes:
1. LVDD supports eTSEC1.
2. TVDD supports eTSEC3.
3. The symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.
Table 22. GMII, MII, RMII, RGMII, RTBI, TBI, and FIFO DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.375
2.625
V
1, 2
Output high voltage (LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.0
—
V
—
Output low voltage (LVDD/TVDD = Min, IOL = 1.0 mA)
VOL
—0.4
V
—
Input high voltage
VIH
1.70
—
V
—
Input low voltage
VIL
—0.7
V
—
Input current (VIN = 0, VIN = LVDD, VIN = TVDD)IIN
—±15
μA
1, 2, 3
Notes:
1. LVDD supports eTSEC1.
2. TVDD supports eTSEC3.
3. The symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.
Table 21. GMII, MII, TBI, RMII and FIFO DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com