Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
26
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.3.2
SGMII Transmitter and Receiver DC Electrical Characteristics
Table 24 and Table 25 describe the SGMII SerDes transmitter and receiver AC-Coupled DC electrical
characteristics. Transmitter DC characteristics are measured at the transmitter outputs (SD2_TX[n] and
SD2_TX[n]) as depicted in Figure 8.
Table 23. SD2_REF_CLK and SD2_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units
Notes
tREF
REFCLK cycle time
—
10 (8)
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any
two adjacent REFCLK cycles
——
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to
mean edge location
–50
—
50
ps
—
Note:
1. 8 ns applies only when 125 MHz SerDes2 reference clock frequency is selected via cfg_srds_sgmii_refclk during POR.
Table 24. DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
VDD_SRDS2
0.95
1.0
1.05
V
—
Output high voltage
VOH
——
VOS-max + |VOD|–max/2
mV
1
Output low voltage
VOL
VOS-min –|VOD|-max/2
—
—
mV
Output ringing
VRING
——
10
%
—
Output differential voltage2,3,5
|VOD|
323
500
725
mV
Equalization
setting: 1.0x
296
459
665
Equalization
setting: 1.09x
269
417
604
Equalization
setting: 1.2x
243
376
545
Equalization
setting: 1.33x
215
333
483
Equalization
setting: 1.5x
189
292
424
Equalization
setting: 1.71x
162
250
362
Equalization
setting: 2.0x
Output offset voltage
VOS
425
500
577.5
mV
1, 4
Output impedance (single ended)
RO
40
—
60
Ω
—
Mismatch in a pair
ΔRO
——
10
%
—
Change in VOD between 0 and 1
Δ|VOD|—
—
25
mV
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com