Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
42
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.7.5.2
RMII Receive AC Timing Specifications
Table 39 shows the RMII receive AC timing specifications.
Figure 24 provides the AC test load for eTSEC.
Figure 24. eTSEC AC Test Load
Figure 25 shows the RMII receive AC timing diagram.
Figure 25. RMII Receive AC Timing Diagram
Table 39. RMII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
REF_CLK clock period
tRMR
15.0
20.0
25.0
ns
—
REF_CLK duty cycle
tRMRH
35
50
65
%
—
REF_CLK peak-to-peak jitter
tRMRJ
——
250
ps
—
Rise time REF_CLK (20%–80%)
tRMRR
1.0
—
2.0
ns
—
Fall time REF_CLK (80%–20%)
tRMRF
1.0
—
2.0
ns
—
RXD[1:0], CRS_DV, RX_ER setup time to
REF_CLK rising edge
tRMRDV
4.0
—
—
ns
—
RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK
rising edge
tRMRDX
2.0
—
—
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive
timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K)
going to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input
signals (D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. Note that, in general,
the clock reference symbol representation is based on three letters representing the clock of a particular functional. For
example, the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used
with the appropriate letter: R (rise) or F (fall).
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω
REF_CLK
RXD[1:0]
tRMRDX
tRMR
tRMRH
tRMRR
tRMRF
CRS_DV
RX_ER
tRMRDV
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com