Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
71
High-Speed Serial Interfaces (HSSI)
Figure 50 shows the SerDes reference clock connection reference circuits for LVDS type clock driver.
Since LVDS clock driver’s common mode voltage is higher than the MPC8544E SerDes reference clock
input’s allowed range (100 to 400mV), AC-coupled connection scheme must be used. It assumes the
LVDS output driver features 50-
Ω termination resistor. It also assumes that the LVDS transmitter
establishes its own common mode level without relying on the receiver or other external component.
Figure 50. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
Figure 51 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver.
Since LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible with
MPC8544E SerDes reference clock input’s DC requirement, AC-coupling has to be used. Figure 51
assumes that the LVPECL clock driver’s output impedance is 50
Ω. R1 is used to DC-bias the LVPECL
outputs prior to AC-coupling. Its value could be ranged from 140 to 240
Ω depending on clock driver
vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50-
Ω termination
resistor to attenuate the LVPECL output’s differential peak level such that it meets the MPC8544E SerDes
reference clock’s differential input amplitude requirement (between 200 and 800 mV differential peak).
For example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference clock
input amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25
Ω. Please
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8544E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com