Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
19
DDR and DDR2 SDRAM
6.2
DDR SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM interface.
6.2.1
DDR SDRAM Input AC Timing Specifications
Table 15 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 1.8 V.
Table 16 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 2.5 V.
Table 17 provides the input AC timing specifications for the DDR SDRAM interface.
Table 15. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.25
V
—
AC input high voltage
VIH
MVREF + 0.25
—
V
—
Table 16. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
—
AC input high voltage
VIH
MVREF + 0.31
—
V
—
Table 17. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions.
Parameter
Symbol
Min
Max
Unit
Notes
Controller skew for MDQS—MDQ/MECC/MDM
tCISKEW
ps
1, 2
533 MHz
–300
300
3
400 MHz
–365
365
—
333 MHz
–390
390
—
Notes:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that
will be captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be
determined by the following equation: tDISKEW = ± (T/4 – abs(tCISKEW)), where T is the clock period and abs(tCISKEW) is the
absolute value of tCISKEW. See Figure 3.
3. Maximum DDR1 frequency is 400 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com