Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
37
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.7.1
TBI Transmit AC Timing Specifications
Table 34 provides the TBI transmit AC timing specifications.
Figure 19 shows the TBI transmit AC timing diagram.
Figure 19. TBI Transmit AC Timing Diagram
8.7.2
TBI Receive AC Timing Specifications
Table 35 provides the TBI receive AC timing specifications.
Table 34. TBI Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%..
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK clock period
tGTX
—8.0
—
ns
—
GTX_CLK to TCG[9:0] delay time
tTTKHDX
0.2
—
5.0
ns
2
GTX_CLK rise (20%–80%)
tTTXR
——
1.0
ns
—
GTX_CLK fall time (80%–20%)
tTTXF
——
1.0
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state )(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI
transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid
state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going
high (H) until the referenced data signals (D) reach the invalid state (X) or hold time. Note that, in general, the clock reference
symbol representation is based on three letters representing the clock of a particular functional. For example, the subscript
of tTTX represents the TBI (T) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2. Data valid tTTKHDV to GTX_CLK Min setup time is a function of clock period and max hold time (Min setup = cycle time –
Max delay).
Table 35. TBI Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
PMA_RX_CLK[0:1] clock period
tTRX
—
16.0
—
ns
—
PMA_RX_CLK[0:1] skew
tSKTRX
7.5
—
8.5
ns
—
GTX_CLK
TCG[9:0]
tTTX
tTTXH
tTTXR
tTTXF
tTTKHDV
tTTKHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com