Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
13
Power Characteristics
3
Power Characteristics
The estimated typical core power dissipation for the core complex bus (CCB) versus the core frequency
for this family of PowerQUICC III devices is shown in Table 4.
Table 4. MPC8544ECore Power Dissipation
Power Mode
Core Frequency
(MHz)
Platform Frequency
(MHz)
VDD
(V)
Junction
Temperature (
°C)
Power
(W)
Notes
Typical
667
333
1.0
65
2.6
1, 2
Thermal
105
4.5
1, 3
Maximum
7.15
1, 4
Typical
800
400
1.0
65
2.9
1, 2
Thermal
105
4.8
1, 3
Maximum
7.35
1, 4
Typical
1000
400
1.0
65
3.6
1, 2
Thermal
105
5.3
1, 3
Maximum
7.5
1, 4
Typical
1067
533
1.0
65
3.9
1, 2
Thermal
105
6.0
1, 3
Maximum
7.7
1, 4
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD) and 65°C junction temperature
(see Table 2) while running the Dhrystone 2.1 benchmark.
3. Thermal power is the average power measured at nominal core voltage (VDD) and maximum operating junction temperature
(see Table 2) while running the Dhrystone 2.1 benchmark.
4. Maximum power is the maximum power measured at nominal core voltage (VDD) and maximum operating junction
temperature (see Table 2) while running a smoke test which includes an entirely L1-cache-resident, contrived sequence of
instructions which keep the execution unit maximally busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com