Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
63
PCI
15 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8544E.
15.1
PCI DC Electrical Characteristics
Table 55 provides the DC electrical characteristics for the PCI interface.
15.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus. Note that the SYSCLK signal is
used as the PCI input clock. Table 56 provides the PCI AC timing specifications at 66 MHz.
Table 55. PCI DC Electrical Characteristics 1
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.8
V
—
Input current (VIN = 0 V or VIN = VDD)IIN
—±5
μA2
High-level output voltage (OVDD = min, IOH = –2mA)
VOH
2.4
—
V
—
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Notes:
1. Ranges listed do not meet the full range of the DC specifications of the
PCI 2.2 Local Bus Specifications.
2. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 56. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol1
Min
Max
Unit
Notes
SYSCLK to output valid
tPCKHOV
—
7.4
ns
2, 3
Output hold from SYSCLK
tPCKHOX
2.0
—
ns
2
SYSCLK to output high impedance
tPCKHOZ
—14
ns
2, 4
Input setup to SYSCLK
tPCIVKH
3.7
—
ns
2, 5
Input hold from SYSCLK
tPCIXKH
0.5
—
ns
2, 5
REQ64 to HRESET9 setup time
tPCRVRH
10
× tSYS
—clocks
6, 7
HRESET to REQ64 hold time
tPCRHRX
050
ns
7
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
8
Rise time (20%–80%)
tPCICLK
0.6
2.1
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com