Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
79
PCI Express
Figure 56. Minimum Transmitter Timing and Voltage Output Compliance Specifications
17.4.3
Differential Receiver (RX) Input Specifications
Table 60 defines the specifications for the differential input at all receivers (RXs). The parameters are
specified at the component pins.
Table 60. Differential Receiver (RX) Input Specifications
Symbol
Parameter
Min
Nom
Max
Units
Comments
UI
Unit interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not
account for spread spectrum clock dictated
variations. See Note 1.
VRX-DIFFp-p
Differential peak-to-
peak input voltage
0.175
—
1.200
V
VRX-DIFFp-p = 2*|VRX-D+ – VRX-D–|
See Note 2.
TRX-EYE
Minimum receiver
eye width
0.4
—
—
UI
The maximum interconnect media and
transmitter jitter that can be tolerated by the
receiver can be derived as TRX-MAX-JITTER
= 1 – TRX-EYE = 0.6 UI.
See Notes 2 and 3.
VTX-DIFF = 0 mV
(D+ D– Crossing Point)
[De-Emphasized Bit]
0.07 UI = UI – 0.3 UI (JTX-TOTAL-MAX)
566 mV (3 dB ) >=
VTX-DIFFp-p-MIN >= 505 mV (4 dB )
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com