Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
32
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Timing diagrams for FIFO appear in Figure 11 and Figure 12.
Figure 11. FIFO Transmit AC Timing Diagram
Figure 12. FIFO Receive AC Timing Diagram
8.5.2
GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
8.5.2.1
GMII Transmit AC Timing Specifications
Table 30 provides the GMII transmit AC timing specifications.
Table 30. GMII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK clock period
tGTX
—8.0
—
ns
—
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.2
—
5.0
ns
2
GTX_CLK data clock rise time (20%-80%)
tGTXR
——
1.0
ns
—
tFITF
TXD[7:0]
TX_EN
GTX_CLK
TX_ER
tFITDV
tFITR
tFITH
tFIT
tFITDX
tFIRF
tFIRR
RX_CLK
RXD[7:0]
RX_DV
RX_ER
Valid Data
tFIRDX
tFIRDV
tFIRH
tFIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com