Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
27
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 7. 4-Wire AC-Coupled SGMII Serial Link Connection Example
Change in VOS between 0 and 1
ΔVOS
——
25
mV
—
Output current on short to GND
ISA, ISB
——
40
mA
—
Notes:
1. This will not align to DC-coupled SGMII.
2. |VOD| = |VSD2_TXn – VSD2_TXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p = 2*|VOD|.
3. The |VOD| value shown in the table assumes the following transmit equalization setting in the XMITEQCD (for SerDes 2 lane 2
and 3) bit field of MPC8544E SerDes 2 control register 1:
• The MSbit (bit 0) of the above bit field is set to zero (selecting the full VDD-DIFF-p-p amplitude—power up default);
• The LSbits (bit [1:3]) of the above bit field is set based on the equalization setting shown in this table.
4. VOS is also referred to as output common mode voltage.
5. The |VOD| value shown in the Typ column is based on the condition of XVDD_SRDS2-Typ = 1.0 V, no common mode offset variation
(VOS = 500 mV), SerDes2 transmitter is terminated with 100-Ω differential load between SD2_TX[n] and SD2_TX[n].
Table 24. DC Transmitter Electrical Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
MPC8544E SGMII
SerDes Interface
50
Ω
50
Ω
Transmitter
SD2_TXn
SD_RXm
SD2_TXn
SD_RXm
Receiver
CTX
CTX
50
Ω
50
Ω
SD2_RXn
SD2_RXn
Receiver
Transmitter
SD_TXm
SD_TXm
CTX
CTX
50
Ω
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com