Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
72
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
consult clock driver chip manufacturer to verify whether this connection scheme is compatible with a
particular clock driver chip.
Figure 51. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only)
Figure 52 shows the SerDes reference clock connection reference circuits for a single-ended clock driver.
It assumes the DC levels of the clock driver are compatible with MPC8544E SerDes reference clock
input’s DC requirement.
Figure 52. Single-Ended Connection (Reference Only)
16.2.4
AC Requirements for SerDes Reference Clocks
The clock driver selected should provide a high quality reference clock with low phase noise and
cycle-to-cycle jitter. Phase noise less than 100 kHz can be tracked by the PLL and data recovery loops and
is less of a problem. Phase noise above 15 MHz is filtered by the PLL. The most problematic phase noise
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVPECL CLK
Driver Chip
R2
R2
R1
R1
10nF
10nF
10nF
MPC8544E
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
Single-Ended
CLK Driver Chip
33
Ω
Total 50
Ω. Assume clock driver’s
output impedance is about 16
Ω.
50
Ω
MPC8544E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com