Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
77
PCI Express
VTX-IDLE-DIFFp
Electrical idle
differential peak output
voltage
0—
20
mV
VTX-IDLE-DIFFp = |VTX-IDLE-D+ – VTX-IDLE-D–|
<= 20 mV
See Note 2.
VTX-RCV-DETECT
Amount of voltage
change allowed during
receiver detection
—
—
600
mV
The total amount of voltage change that a
transmitter can apply to sense whether a
low impedance receiver is present. See
Note 6.
VTX-DC-CM
TX DC common mode
voltage
0
—
3.6
V
The allowed DC common mode voltage
under any conditions. See Note 6.
ITX-SHORT
TX short circuit current
limit
—
—
90
mA
The total current the transmitter can
provide when shorted to its ground.
TTX-IDLE-MIN
Minimum time spent in
electrical idle
50
—
—
UI
Minimum time a transmitter must be in
electrical idle utilized by the receiver to
start looking for an electrical idle exit after
successfully receiving an electrical idle
ordered set.
TTX-IDLE-SET-TO-IDLE
Maximum time to
transition to a valid
electrical idle after
sending an electrical
Idle ordered set
—
—
20
UI
After sending an electrical idle ordered set,
the transmitter must meet all electrical idle
specifications within this time. This is
considered a debounce time for the
transmitter to meet electrical idle after
transitioning from LO.
TTX-IDLE-TO-DIFF-DATA
Maximum time to
transition to valid TX
specifications after
leaving an electrical
idle condition
—
—
20
UI
Maximum time to meet all TX
specifications when transitioning from
electrical idle to sending differential data.
This is considered a debounce time for the
TX to meet all TX specifications after
leaving electrical idle.
RLTX-DIFF
Differential return loss
12
—
—
dB
Measured over 50 MHz to 1.25 GHz. See
Note 4.
RLTX-CM
Common mode return
loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz. See
Note 4.
ZTX-DIFF-DC
DC differential TX
impedance
80
100
120
Ω
TX DC differential mode low impedance.
ZTX-DC
Transmitter DC
impedance
40
—
—
Ω
Required TX D+ as well as D– DC
Impedance during all states.
LTX-SKEW
Lane-to-lane output
skew
—
—
500 +
2 UI
ps
Static skew between any two transmitter
lanes within a single link.
CTX
AC coupling capacitor
75
—
200
nF
All transmitters shall be AC coupled. The
AC coupling is required either within the
media or within the transmitting component
itself.
Table 59. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com