Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
36
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 17 provides the AC test load for eTSEC.
Figure 17. eTSEC AC Test Load
Figure 18 shows the MII receive AC timing diagram.
Figure 18. MII Receive AC Timing Diagram
8.7
TBI AC Timing Specifications
This section describes the TBI transmit and receive AC timing specifications.
RXD[3:0], RX_DV, RX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
—
RXD[3:0], RX_DV, RX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
—
RX_CLK clock rise (20%–80%)
tMRXR
1.0
—
4.0
ns
—
RX_CLK clock fall time (80%–20%)
tMRXF
1.0
—
4.0
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive
timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K)
going to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input
signals (D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. Note that, in general,
the clock reference symbol representation is based on three letters representing the clock of a particular functional. For
example, the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used
with the appropriate letter: R (rise) or F (fall).
Table 33. MII Receive AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω
RX_CLK
RXD[3:0]
tMRDXKL
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com