Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
59
I
2C
Figure 36 provides the TRST timing diagram.
Figure 36. TRST Timing Diagram
Figure 37 provides the boundary-scan timing diagram.
Figure 37. Boundary-Scan Timing Diagram
13 I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the MPC8544E.
13.1
I2C DC Electrical Characteristics
Table 51 provides the DC electrical characteristics for the I2C interfaces.
Table 51. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OVDD
V—
Low level output voltage
VOL
00.2
× OVDD
V1
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
2
TRST
VM = Midpoint Voltage (OVDD/2)
VM
VM
tTRST
VM = Midpoint Voltage (OVDD/2)
VM
VM
tJTDVKH
tJTDXKH
Boundary
Data Outputs
Boundary
Data Outputs
JTAG
External Clock
Boundary
Data Inputs
Output Data Valid
tJTKLDX
tJTKLDZ
tJTKLDV
Input
Data Valid
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com