Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
31
Enhanced Three-Speed Ethernet (eTSEC), MII Management
clock to synchronously generate transmit data and outputs an echoed copy of the transmit clock back out
onto the TSECn_GTX_CLK pin (while transmit data appears on TSECn_TXD[7:0], for example). It is
intended that external receivers capture eTSEC transmit data using the clock on TSECn_GTX_CLK as a
source-synchronous timing reference. Typically, the clock edge that launched the data can be used, since
the clock is delayed by the eTSEC to allow acceptable set-up margin at the receiver.
A summary of the FIFO AC specifications appears in Table 28 and Table 29.
Table 28. FIFO Mode Transmit AC Timing Specification
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
TX_CLK, GTX_CLK clock period
tFIT
—8.0
—
ns
—
TX_CLK, GTX_CLK duty cycle
tFITH
45
50
55
%
—
TX_CLK, GTX_CLK peak-to-peak jitter
tFITJ
——
250
ps
—
Rise time TX_CLK (20%–80%)
tFITR
—
—
0.75
ns
—
Fall time TX_CLK (80%–20%)
tFITF
—
—
0.75
ns
—
GTX_CLK to FIFO data TXD[7:0], TX_ER, TX_EN
hold time
tFITDX
0.5
—
3.0
ns
1
Note:
1. Data valid tFITDV to GTX_CLK Min setup time is a function of clock period and max hold time.
(Min setup = Cycle time – Max hold).
Table 29. FIFO Mode Receive AC Timing Specification
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
RX_CLK clock period
tFIR
—8.0
—
ns
—
RX_CLK duty cycle
tFIRH/tFIRH
45
50
55
%
—
RX_CLK peak-to-peak jitter
tFIRJ
——
250
ps
—
Rise time RX_CLK (20%–80%)
tFIRR
—
—
0.75
ns
—
Fall time RX_CLK (80%–20%)
tFIRF
—
—
0.75
ns
—
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tFIRDV
1.5
—
—
ns
—
RX_CLK to RXD[7:0], RX_DV, RX_ER hold time
tFIRDX
0.5
—
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com