Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
11
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8544E.
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD/BVDD/TVDD
The core voltage must always be provided at nominal 1.0 V (see Table 2 for actual recommended core
voltage). Voltage to the processor interface I/Os are provided through separate sets of supply pins and must
be provided at the voltages shown in Table 2. The input voltage threshold scales with respect to the
associated I/O supply voltage. OVDD and LVDD based receivers are simple CMOS I/O circuits and satisfy
appropriate LVCMOS type specifications. The DDR2 SDRAM interface uses a single-ended differential
receiver referenced the externally supplied MVREF signal (nominally set to GVDD/2) as is appropriate for
the SSTL2 electrical signaling standard.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
B/G/L/OVDD + 20%
B/G/L/OVDD
B/G/L/OVDD + 5%
of tCLOCK
1
1. tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Notes:
2. Please note that with the PCI overshoot allowed (as specified above), the device
does not fully comply with the maximum AC ratings and device protection
guideline outlined in Section 4.2.2.3 of the
PCI 2.2 Local Bus Specifications.
For I2C and JTAG, tCLOCK references SYSCLK.
For DDR, tCLOCK references MCLK.
For eTSEC, tCLOCK references EC_GTX_CLK125.
For LBIU, tCLOCK references LCLK.
For PCI, tCLOCK references PCI_CLK or SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com