Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
34
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 14 provides the AC test load for eTSEC.
Figure 14. eTSEC AC Test Load
Figure 15 shows the GMII receive AC timing diagram.
Figure 15. GMII Receive AC Timing Diagram
8.6
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
RX_CLK clock fall time (80%–20%)
tGRXF
——
1.0
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII receive
timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock reference (K)
going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to the time data
input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time. Note that, in
general, the clock reference symbol representation is based on three letters representing the clock of a particular functional.
For example, the subscript of tGRX represents the GMII (G) receive (RX) clock. For rise and fall times, the latter convention
is used with the appropriate letter: R (rise) or F (fall).
Table 31. GMII Receive AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com