Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
68
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
— If the device driving the SDn_REF_CLK and SDn_REF_CLK inputs cannot drive 50
Ω to
SGND_SRDSn (xcorevss) DC, or it exceeds the maximum input current limitations, then it
must be AC-coupled off-chip.
•
The input amplitude requirement
— This requirement is described in detail in the following sections.
Figure 45. Receiver of SerDes Reference Clocks
16.2.2
DC Level Requirement for SerDes Reference Clocks
The DC level requirement for the MPC8544E SerDes reference clock inputs is different depending on the
signaling mode used to connect the clock driver chip and SerDes reference clock inputs as described
below.
•
Differential Mode
— The input amplitude of the differential clock must be between 400 and 1600 mV differential
peak-peak (or between 200 and 800 mV differential peak). In other words, each signal wire of
the differential pair must have a single-ended swing less than 800 mV and greater than 200 mV.
This requirement is the same for both external DC-coupled or AC-coupled connection.
— For external DC-coupled connection, as described in Section 16.2.1, “SerDes Reference
Clock Receiver Characteristics,” the maximum average current requirements sets the
requirement for average voltage (common mode voltage) to be between 100 and 400 mV.
Figure 46 shows the SerDes reference clock input requirement for DC-coupled connection
scheme.
— For external AC-coupled connection, there is no common mode voltage requirement for the
clock driver. Since the external AC-coupling capacitor blocks the DC level, the clock driver
and the SerDes reference clock receiver operate in different command mode voltages. The
SerDes reference clock receiver in this connection scheme has its common mode voltage set to
SGND_SRDSn. Each signal wire of the differential inputs is allowed to swing below and above
the command mode voltage (SGND_SRDSn). Figure 47 shows the SerDes reference clock
input requirement for AC-coupled connection scheme.
Input
Amp
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com