Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
50
Freescale Semiconductor
Local Bus
Figure 28 through Figure 33 show the local bus signals.
Figure 28. Local Bus Signals (PLL Enabled)
Table 48 describes the general timing parameters of the local bus interface at VDD = 3.3 V DC with PLL
disabled.
Table 48. Local Bus General Timing Parameters—PLL Bypassed
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
12
—
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
Internal launch/capture clock to LCLK delay
tLBKHKT
1.2
4.9
ns
—
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
7.4
—
ns
4, 5
LUPWAIT input setup to local bus clock
tLBIVKL2
6.75
—
ns
4, 5
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
–0.2
—
ns
4, 5
LUPWAIT input hold from local bus clock
tLBIXKL2
–0.2
—
ns
4, 5
LALE output transition to LAD/LDP output transition
(LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKLOV1
—
1.6
ns
—
Output Signals:
LA[27:31]/LBCTL/LBCKE/LOE/
LSDA10/LSDWE/LSDRAS/
LSDCAS/LSDDQM[0:3]
tLBKHOV1
tLBKHOV2
tLBKHOV3
LSYNC_IN
Input Signals:
LAD[0:31]/LDP[0:3]
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
Output (Address) Signal:
LAD[0:31]
LALE
tLBIXKH1
tLBIVKH1
tLBIVKH2
tLBIXKH2
tLBKHOX1
tLBKHOZ1
tLBKHOX2
tLBKHOZ2
Input Signal:
LGTA
tLBOTOT
tLBKHOZ2
tLBKHOX2
tLBKHOV4
LUPWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com