Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
57
JTAG
12 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the
MPC8544E.
12.1
JTAG DC Electrical Characteristics
Table 49 provides the DC electrical characteristics for the JTAG interface.
12.2
JTAG AC Electrical Specifications
Table 50 provides the JTAG AC timing specifications as defined in Figure 34 through Figure 37.
Table 49. JTAG DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.8
V
—
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±5
μA1
High-level output voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. Note that the symbol VIN, in this case, represents the OVIN.
Table 50. JTAG AC Timing Specifications (Independent of SYSCLK)1
At recommended operating conditions (see Table 3).
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
—
JTAG external clock cycle time
tJTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
—
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com