Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
104
Freescale Semiconductor
Thermal
Figure 63. Thermal Performance of Select Thermal Interface Materials
The system board designer can choose between several types of thermal interface. There are several
commercially-available thermal interfaces provided by the following vendors:
Chomerics, Inc.
781-935-4850
77 Dragon Ct.
Woburn, MA 01801
Internet: www.chomerics.com
Dow-Corning Corporation
800-248-2481
Corporate Center
P.O.Box 999
Midland, MI 48686-0997
Internet: www.dow.com
Shin-Etsu MicroSi, Inc.
888-642-7674
10028 S. 51st St.
Phoenix, AZ 85044
Internet: www.microsi.com
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
0
0.5
1
1.5
2
0
1020304050
60
7080
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com