Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
109
System Design Information
21.3
Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient
power surges and high frequency noise in its power supply, especially while driving large capacitive loads.
This noise must be prevented from reaching other components in the MPC8544E system, and the device
itself requires a clean, tightly regulated source of power. Therefore, it is recommended that the system
designer place at least one decoupling capacitor at each VDD, TVDD, BVDD, OVDD, GVDD, and LVDD pin
of the device. These decoupling capacitors should receive their power from separate VDD, TVDD, BVDD,
OVDD, GVDD, and LVDD; and GND power planes in the PCB, utilizing short low impedance traces to
minimize inductance. Capacitors may be placed directly under the device using a standard escape pattern.
Others may surround the part.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0402 or 0603 sizes.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, TVDD, BVDD, OVDD, GVDD, and LVDD planes, to enable quick recharging of the
smaller chip capacitors. These bulk capacitors should have a low ESR (equivalent series resistance) rating
to ensure the quick response time necessary. They should also be connected to the power and ground
planes through two vias to minimize inductance. Suggested bulk capacitors—100–330 µF (AVX TPS
tantalum or Sanyo OSCON). However, customers should work directly with their power regulator vendor
for best values and types and quantity of bulk capacitors.
21.4
SerDes Block Power Supply Decoupling Recommendations
The SerDes block requires a clean, tightly regulated source of power (SVDD and XVDD) to ensure low
jitter on transmit and reliable recovery of data in the receiver. An appropriate decoupling scheme is
outlined below.
Only surface mount technology (SMT) capacitors should be used to minimize inductance. Connections
from all capacitors to power and ground should be done with multiple vias to further reduce inductance.
•
First, the board should have at least 10
× 10-nF SMT ceramic chip capacitors as close as possible
to the supply balls of the device. Where the board has blind vias, these capacitors should be placed
directly below the chip supply and ground connections. Where the board does not have blind vias,
these capacitors should be placed in a ring around the device as close to the supply and ground
connections as possible.
•
Second, there should be a 1-µF ceramic chip capacitor on each side of the device. This should be
done for all SerDes supplies.
•
Third, between the device and any SerDes voltage regulator there should be a 10-µF, low
equivalent series resistance (ESR) SMT tantalum chip capacitor and a 100-µF, low ESR SMT
tantalum chip capacitor. This should be done for all SerDes supplies.
21.5
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. All unused active low inputs should be tied to VDD, TVDD, BVDD, OVDD, GVDD, and LVDD as
required. All unused active high inputs should be connected to GND. All NC (no connect) signals must



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com