Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 120Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
116
Freescale Semiconductor
Device Nomenclature
•
All AD pins will be in the input state. Therefore, all ADs pins need to be grouped together and tied
to OVDD through a single (or multiple) 10-kΩ resistor(s).
•
All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
21.12 Guideline for LBIU Termination
If the LBIU parity pins are not used, the following list shows the termination recommendation:
•
For LDP[0:3]: tie them to ground or the power supply rail via a 4.7-k
Ω resistor.
•
For LPBSE: tie it to the power supply rail via a 4.7-k
Ω resistor (pull-up resistor).
22 Device Nomenclature
Ordering information for the parts fully covered by this hardware specifications document is provided in
Section 22.3, “Part Marking.” Contact your local Freescale sales office or regional marketing team for
order information.
22.1
Industrial and Commercial Tier Qualification
The MPC8544E device has been tested to meet the industrial tier qualification. Table 74 provides a
description for commercial and industrial qualifications.
Table 74. Commercial and Industrial Description
Tier1
Typical Application
Use Time
Power-On Hours
Example of Typical Applications
Commercial
5 years
Part-time/ Full-Time PC's, consumer electronics, office automation, SOHO networking,
portable telecom products, PDA's, etc.
Industrial
10 years
Typically Full-Time
Installed telecom equipment, work stations, servers, warehouse
equipment, etc.
Note:
1. Refer to Table 2 for operating temperature ranges. Temperature is independent of tier and varies per product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com