Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
27
Enhanced Three-Speed Ethernet (eTSEC)
8.2
FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing
Specifications
The AC timing specifications for FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI are presented in this
section.
8.2.1
FIFO AC Specifications
The basis for the AC specifications for the eTSEC’s FIFO modes is the double data rate RGMII and RTBI
specifications, since they have similar performances and are described in a source-synchronous fashion
like FIFO modes. However, the FIFO interface provides deliberate skew between the transmitted data and
source clock in GMII fashion.
When the eTSEC is configured for FIFO modes, all clocks are supplied from external sources to the
relevant eTSEC interface. That is, the transmit clock must be applied to the eTSECn’s TSECn_TX_CLK,
while the receive clock must be applied to pin TSECn_RX_CLK. The eTSEC internally uses the transmit
clock to synchronously generate transmit data and outputs an echoed copy of the transmit clock back out
onto the TSECn_GTX_CLK pin (while transmit data appears on TSECn_TXD[7:0], for example). It is
intended that external receivers capture eTSEC transmit data using the clock on TSECn_GTX_CLK as a
source- synchronous timing reference. Typically, the clock edge that launched the data can be used, since
the clock is delayed by the eTSEC to allow acceptable set-up margin at the receiver. Note that there is
relationship between the maximum FIFO speed and the platform speed. For more information see
Section 4.5, “Platform to FIFO Restrictions.”
Table 23. GMII, MII, RMII, TBI, RGMII, RTBI, and FIFO DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.37
2.63
V
1, 2
Output high voltage (LVDD/TVDD = Min,
IOH = –1.0 mA)
VOH
2.00
LVDD/TVDD + 0.3
V
—
Output low voltage (LVDD/TVDD = Min,
IOL = 1.0 mA)
VOL
GND –0.3
0.40
V
—
Input high voltage
VIH
1.70
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—
Input high current (VIN = LVDD, VIN = TVDD)IIH
—10
μA
1, 2, 3
Input low current (VIN = GND)
IIL
–15
—
μA3
Notes:
1. LVDD supports eTSECs 1 and 2.
2. TVDD supports eTSECs 3 and 4.
3. Note that the symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com