Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
64
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
average voltage (common mode voltage) to be between 100 and 400 mV. Figure 40 shows the
SerDes reference clock input requirement for DC-coupled connection scheme.
— For external AC-coupled connection, there is no common mode voltage requirement for the
clock driver. Since the external AC-coupling capacitor blocks the DC level, the clock driver
and the SerDes reference clock receiver operate in different command mode voltages. The
SerDes reference clock receiver in this connection scheme has its common mode voltage set to
SGND_SRDSn. Each signal wire of the differential inputs is allowed to swing below and above
the command mode voltage (SGND_SRDSn). Figure 41 shows the SerDes reference clock
input requirement for AC-coupled connection scheme.
•
Single-ended mode
— The reference clock can also be single-ended. The SD_REF_CLK input amplitude
(single-ended swing) must be between 400 and 800 mV peak-to-peak (from Vmin to Vmax) with
SD_REF_CLK either left unconnected or tied to ground.
— The SD_REF_CLK input average voltage must be between 200 and 400 mV. Figure 42 shows
the SerDes reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC- or
AC-coupled externally. For the best noise performance, the reference of the clock could be DC-
or AC-coupled into the unused phase (SD_REF_CLK) through the same source impedance as
the clock input (SD_REF_CLK) in use.
Figure 40. Differential Reference Clock Input DC Requirements (External DC-Coupled)
Figure 41. Differential Reference Clock Input DC Requirements (External AC-Coupled)
SD_REF_CLK
SD_REF_CLK
Vmax < 800 mV
Vmin > 0V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV
SD_REF_CLK
SD_REF_CLK
SD_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax < Vcm + 400 mV
Vmin > Vcm – 400 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com