Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
80
Freescale Semiconductor
Serial RapidIO
Table 56. Short Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
500
1000
mV p-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
400
400
ps
±100 ppm
Table 57. Short Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
500
1000
mVp-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
320
320
ps
±100 ppm
Table 58. Long Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
800
1600
mVp-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
800
800
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com