Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
68
Freescale Semiconductor
PCI Express
15.2.4
AC Requirements for SerDes Reference Clocks
The clock driver selected should provide a high quality reference clock with low phase noise and
cycle-to-cycle jitter. Phase noise less than 100 kHz can be tracked by the PLL and data recovery loops and
is less of a problem. Phase noise above 15 MHz is filtered by the PLL. The most problematic phase noise
occurs in the 1–15-MHz range. The source impedance of the clock driver should be 50
Ω to match the
transmission line and reduce reflections which are a source of noise to the system.
The detailed AC requirements of the SerDes reference clocks is defined by each interface protocol based
on application usage. Refer to the following sections for detailed information:
•
Section 16.2, “AC Requirements for PCI Express SerDes Clocks”
•
Section 17.2, “AC Requirements for Serial RapidIO SD_REF_CLK and SD_REF_CLK”
15.2.4.1
Spread Spectrum Clock
SD_REF_CLK/SD_REF_CLK are designed to work with a spread spectrum clock (+0% to –0.5%
spreading at 30–33 kHz rate is allowed), assuming both ends have same reference clock. For better results,
a source without significant unintended modulation should be used.
15.3
SerDes Transmitter and Receiver Reference Circuits
Figure 47 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 47. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below
(PCI Express, Serial Rapid IO, or SGMII) in this document based on the application usage:
•
Section 16, “PCI Express”
•
Section 17, “Serial RapidIO”
Note that external an AC coupling capacitor is required for the above three serial transmission protocols
with the capacitor value defined in the specification of each protocol section.
16 PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8548E.
SD_TX
n
SD_TX
n
SD_RX
n
SD_RX
n
50
Ω
Receiver
Transmitter
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com