Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
33
Enhanced Three-Speed Ethernet (eTSEC)
Figure 13 shows the MII receive AC timing diagram.
Figure 13. MII Receive AC Timing Diagram
8.2.4
TBI AC Timing Specifications
This section describes the TBI transmit and receive AC timing specifications.
8.2.4.1
TBI Transmit AC Timing Specifications
Table 30 provides the TBI transmit AC timing specifications.
Table 30. TBI Transmit AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
TCG[9:0] setup time GTX_CLK going high
tTTKHDV
2.0
—
—
ns
TCG[9:0] hold time from GTX_CLK going high
tTTKHDX
1.0
—
—
ns
GTX_CLK rise (20%–80%)
tTTXR
2
——
1.0
ns
GTX_CLK fall time (80%–20%)
tTTXF
2
——
1.0
ns
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state )(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI
transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid
state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high
(H) until the referenced data signals (D) reach the invalid state (X) or hold time. Note that, in general, the clock reference
symbol representation is based on three letters representing the clock of a particular functional. For example, the subscript
of tTTX represents the TBI (T) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2. Guaranteed by design.
RX_CLK
RXD[3:0]
tMRDXKL
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com