Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
32
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC)
Figure 11 shows the MII transmit AC timing diagram.
Figure 11. MII Transmit AC Timing Diagram
8.2.3.2
MII Receive AC Timing Specifications
Table 29 provides the MII receive AC timing specifications.
Figure 12 provides the AC test load for eTSEC.
Figure 12. eTSEC AC Test Load
Table 29. MII Receive AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
RX_CLK clock period 10 Mbps
tMRX
2
—400
—
ns
RX_CLK clock period 100 Mbps
tMRX
—40
—
ns
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
RXD[3:0], RX_DV, RX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
RXD[3:0], RX_DV, RX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
RX_CLK clock rise (20%–80%)
tMRXR
2
1.0
—
4.0
ns
RX_CLK clock fall time (80%–20%)
tMRXF
2
1.0
—
4.0
ns
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive
timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K)
going to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input
signals (D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. Note that, in general,
the clock reference symbol representation is based on three letters representing the clock of a particular functional. For
example, the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used
with the appropriate letter: R (rise) or F (fall).
2. Guaranteed by design.
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com