Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
95
Package Description
Clock
RTC
AF16
I
OVDD
—
SYSCLK
AH17
I
OVDD
—
JTAG
TCK
AG28
I
OVDD
—
TDI
AH28
I
OVDD
12
TDO
AF28
O
OVDD
11
TMS
AH27
I
OVDD
12
TRST
AH23
I
OVDD
12
DFT
L1_TSTCLK
AC25
I
OVDD
25
L2_TSTCLK
AE22
I
OVDD
25
LSSD_MODE
AH20
I
OVDD
25
TEST_SEL
AH14
I
OVDD
25
Thermal Management
THERM0
AG1
—
—
14
THERM1
AH1
—
—
14
Power Management
ASLEEP
AH18
O
OVDD
9, 19,
29
Power and Ground Signals
GND
A11, B7, B24, C1, C3, C5, C12, C15, C26, D8,
D11, D16, D20, D22, E1, E5, E9, E12, E15,
E17, F4, F26, G12, G15, G18, G21, G24, H2,
H6, H8, H28, J4, J12, J15, J17, J27, K7, K9,
K11, K27, L3, L5, L12, L16, N11, N13, N15,
N17, N19, P4, P9, P12, P14, P16, P18, R11,
R13, R15, R17, R19, T4, T12, T14, T16, T18,
U8, U11, U13, U15, U17, U19, V4, V12, V18,
W6, W19, Y4, Y9, Y11, Y19, AA6, AA14, AA17,
AA22, AA23, AB4, AC2, AC11, AC19, AC26,
AD5, AD9, AD22, AE3, AE14, AF6, AF10,
AF13, AG8, AG27, K28, L24, L26, N24, N27,
P25, R28, T24, T26, U24, V25, W28, Y24, Y26,
AA24, AA27, AB25, AC28, L21, L23, N22, P20,
R23, T21, U22, V20, W23, Y21, U27
——
—
OVDD
V16, W11, W14, Y18, AA13, AA21, AB11,
AB17, AB24, AC4, AC9, AC21, AD6, AD13,
AD17, AD19, AE10, AE8, AE24, AF4, AF12,
AF22, AF27, AG26
Power for PCI
and other
standards
(3.3 V)
OVDD
—
Table 67. MPC8548E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com