Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
30
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC)
Figure 8 shows the GMII transmit AC timing diagram.
Figure 8. GMII Transmit AC Timing Diagram
8.2.2.2
GMII Receive AC Timing Specifications
Table 27 provides the GMII receive AC timing specifications.
Figure 9 provides the AC test load for eTSEC.
Figure 9. eTSEC AC Test Load
Table 27. GMII Receive AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
RX_CLK clock period
tGRX
—8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
35
—
75
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0—
—
ns
RX_CLK clock rise (20%-80%)
tGRXR
2
——
1.0
ns
RX_CLK clock fall time (80%-20%)
tGRXF
2
——
1.0
ns
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII receive
timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock reference (K)
going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to the time data
input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time. Note that, in
general, the clock reference symbol representation is based on three letters representing the clock of a particular functional.
For example, the subscript of tGRX represents the GMII (G) receive (RX) clock. For rise and fall times, the latter convention
is used with the appropriate letter: R (rise) or F (fall).
2. Guaranteed by design.
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com