Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
60
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
15 High-Speed Serial Interfaces (HSSI)
The MPC8548E features one Serializer/Deserializer (SerDes) interface to be used for high-speed serial
interconnect applications. The SerDes interface can be used for PCI Express and/or serial RapidIO data
transfers.
This section describes the common portion of SerDes DC electrical specifications, which is the DC
requirement for SerDes reference clocks. The SerDes data lane’s transmitter and receiver reference circuits
are also shown.
15.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms
used in the description and specification of differential signals.
Figure 38 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for the
description. The figure shows a waveform for either a transmitter output (SD_TX and SD_TX) or a
receiver input (SD_RX and SD_RX). Each signal swings between A volts and B volts where A > B.
HRESET to PCI-X initialization pattern hold time
tPCRHIX
050
ns
6, 12
Notes:
1. See the timing measurement conditions in the
PCI-X 1.0a Specification.
2. Minimum times are measured at the package pin (not the test point). Maximum times are measured with the test point and
load circuit.
3. Setup time for point-to-point signals applies to REQ and GNT only. All other signals are bused.
4. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
5. Setup time applies only when the device is not driving the pin. Devices cannot drive and receive signals at the same time.
6. Maximum value is also limited by delay to the first transaction (time for HRESET high to first configuration access, tPCRHFV).
The PCI-X initialization pattern control signals after the rising edge of HRESET must be negated no later than two clocks
before the first FRAME and must be floated no later than one clock before FRAME is asserted.
7. A PCI-X device is permitted to have the minimum values shown for tPCKHOV and tCYC only in PCI-X mode. In conventional
mode, the device must meet the requirements specified in PCI 2.2 for the appropriate clock frequency.
8. Device must meet this specification independent of how many outputs switch simultaneously.
9. The timing parameter tPCIVKH is a minimum of 1.4 ns rather than the minimum of 1.2 ns in the PCI-X 1.0a Specification.
10.The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI-X 1.0a
Specification.
11.Guaranteed by characterization.
11.Guaranteed by design.
Table 50. PCI-X AC Timing Specifications at 133 MHz (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com