Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
96
Freescale Semiconductor
Package Description
LVDD
N8, R7, T9, U6
Power for
TSEC1 and
TSEC2
(2.5 V, 3.3 V)
LVDD
—
TVDD
W9, Y6
Power for
TSEC3 and
TSEC4
(2,5 V, 3.3 V)
TVDD
—
GVDD
B3, B11, C7, C9, C14, C17, D4, D6, D10, D15,
E2, E8, E11, E18, F5, F12, F16, G3, G7, G9,
G11, H5, H12, H15, H17, J10, K3, K12, K16,
K18, L6, M4, M8, M13
Power for
DDR1 and
DDR2 DRAM
I/O voltage
(1.8 V, 2.5)
GVDD
—
BVDD
C21, C24, C27, E20, E25, G19, G23, H26, J20 Power for local
bus (1.8 V,
2.5 V, 3.3 V)
BVDD
—
VDD
M19, N12, N14, N16, N18, P11, P13, P15, P17,
P19, R12, R14, R16, R18, T11, T13, T15, T17,
T19, U12, U14, U16, U18, V17, V19
Power for core
(1.1 V)
VDD
—
SVDD
L25, L27, M24, N28, P24, P26, R24, R27, T25,
V24, V26, W24, W27, Y25, AA28, AC27
Core Power for
SerDes
transceivers
(1.1 V)
SVDD
—
XVDD
L20, L22, N23, P21, R22, T20, U23, V21, W22,
Y20
Pad Power for
SerDes
transceivers
(1.1 V)
XVDD
—
AVDD_LBIU
J28
Power for local
bus PLL
(1.1 V)
—26
AVDD_PCI1
AH21
Power for PCI1
PLL
(1.1 V)
—26
AVDD_PCI2
AH22
Power for PCI2
PLL
(1.1 V)
—26
AVDD_CORE
AH15
Power for e500
PLL (1.1 V)
—26
AVDD_PLAT
AH19
Power for CCB
PLL (1.1 V)
—26
AVDD_SRDS
U25
Power for
SRDSPLL
(1.1 V)
—26
SENSEVDD
M14
O
VDD
13
SENSEVSS
M16
—
—
13
Table 67. MPC8548E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com