Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
63
High-Speed Serial Interfaces (HSSI)
•
The maximum average current requirement that also determines the common mode voltage range:
— When the SerDes reference clock differential inputs are DC coupled externally with the clock
driver chip, the maximum average current allowed for each input pin is 8 mA. In this case, the
exact common mode input voltage is not critical as long as it is within the range allowed by the
maximum average current of 8 mA (refer to the following bullet for more detail), since the
input is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4 V
(0.4 V/50 = 8 mA) while the minimum common mode input level is 0.1 V above
SGND_SRDSn (xcorevss). For example, a clock with a 50/50 duty cycle can be produced by
a clock driver with output driven by its current source from 0 to 16 mA (0–0.8 V), such that
each phase of the differential input has a single-ended swing from 0 V to 800 mV with the
common mode voltage at 400 mV.
— If the device driving the SD_REF_CLK and SD_REF_CLK inputs cannot drive 50
Ω to
SGND_SRDSn (xcorevss) DC, or it exceeds the maximum input current limitations, then it
must be AC-coupled off-chip.
•
The input amplitude requirement:
— This requirement is described in detail in the following sections.
Figure 39. Receiver of SerDes Reference Clocks
15.2.2
DC Level Requirement for SerDes Reference Clocks
The DC level requirement for the MPC8548E SerDes reference clock inputs is different depending on the
signaling mode used to connect the clock driver chip and SerDes reference clock inputs as described
below:
•
Differential mode
— The input amplitude of the differential clock must be between 400 and 1600 mV differential
peak-peak (or between 200 and 800 mV differential peak). In other words, each signal wire of
the differential pair must have a single-ended swing less than 800 mV and greater than 200 mV.
This requirement is the same for both external DC-coupled or AC-coupled connection.
— For external DC-coupled connection, as described in Section 15.2.1, “SerDes Reference Clock
Receiver Characteristics,” the maximum average current requirements sets the requirement for
Input
Amp
50
Ω
50
Ω
SD_REF_CLK
SD_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com