Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
47
Local Bus
Figure 24. Local Bus Signals (PLL Bypass Mode)
NOTE
In PLL bypass mode, LCLK[n] is the inverted version of the internal clock
with the delay of tLBKHKT. In this mode, signals are launched at the rising edge
of the internal clock and are captured at falling edge of the internal clock
with the exception of LGTA/LUPWAIT (which is captured on the rising
edge of the internal clock).
Output Signals:
LA[27:31]/LBCTL/LBCKE/LOE/
LSDA10/LSDWE/LSDRAS/
LSDCAS/LSDDQM[0:3]
tLBKLOV2
LCLK[
n]
Input Signals:
LAD[0:31]/LDP[0:3]
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
LALE
tLBIXKH1
Input Signal:
LGTA
Output (Address) Signal:
LAD[0:31]
tLBIVKH1
tLBIXKL2
tLBIVKL2
tLBKLOX1
tLBKLOZ2
tLBOTOT
Internal Launch/Capture Clock
tLBKLOX2
tLBKLOV1
tLBKLOV3
tLBKLOZ1
tLBKHKT
tLBKLOV4
LUPWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com