Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
72
Freescale Semiconductor
PCI Express
16.4.2
Transmitter Compliance Eye Diagrams
The TX eye diagram in Figure 48 is specified using the passive compliance/test measurement load (see
Figure 50) in place of any real PCI Express interconnect +RX component.
There are two eye diagrams that must be met for the transmitter. Both eye diagrams must be aligned in
time using the jitter median to locate the center of the eye diagram. The different eye diagrams will differ
in voltage depending whether it is a transition bit or a de-emphasized bit. The exact reduced voltage level
of the de-emphasized bit will always be relative to the transition bit.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered TX UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is
created using all edges of the 250 consecutive UI in the center of the 3500 UI used for calculating the
TX UI.
NOTE
It is recommended that the recovered TX UI is calculated using all edges in
the 3500 consecutive UI interval with a fit algorithm using a minimization
merit function (for example, least squares and median deviation fits).
Tcrosslink
Crosslink
random timeout
0
—
1
ms
This random timeout helps resolve conflicts in
crosslink configuration by eventually resulting in
only one downstream and one upstream port.
See Note 7.
Notes:
1. No test load is necessarily associated with this value.
2. Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 50 and measured over
any 250 consecutive TX UIs. (Also refer to the transmitter compliance eye diagram shown in Figure 48.)
3. A TTX-EYE = 0.70 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.30 UI for the
transmitter collected over any 250 consecutive TX UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER median is less than half of the total
TX jitter budget collected over any 250 consecutive TX UIs. It should be noted that the median is not the same as the mean.
The jitter median describes the point in time where the number of jitter points on either side is approximately equal as
opposed to the averaged time value.
4. The transmitter input impedance shall result in a differential return loss greater than or equal to 12 dB and a common mode
return loss greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement
applies to all valid input levels. The reference impedance for return loss measurements is 50
Ω to ground for both the D+ and
D– line (that is, as measured by a vector network analyzer with 50-
Ω probes—see Figure 50). Note that the series capacitors
CTX is optional for the return loss measurement.
5. Measured between 20%–80% at transmitter package pins into a test load as shown in Figure 50 for both VTX-D+ and VTX-D–.
6. See Section 4.3.1.8 of the
PCI Express Base Specifications Rev 1.0a.
7. See Section 4.2.6.3 of the
PCI Express Base Specifications Rev 1.0a.
8. MPC8548E SerDes transmitter does not have CTX built in. An external AC coupling capacitor is required.
Table 52. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com