Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
82
Freescale Semiconductor
Serial RapidIO
transmitter that implements pre-emphasis (to equalize the link and reduce inter-symbol interference) need
only comply with the transmitter output compliance mask when pre-emphasis is disabled or minimized.
Figure 52. Transmitter Output Compliance Mask
17.7
Receiver Specifications
LP-serial receiver electrical and timing specifications are stated in the text and tables of this section.
Receiver input impedance shall result in a differential return loss better that 10 dB and a common mode
return loss better than 6 dB from 100 MHz to (0.8)
× (baud frequency). This includes contributions from
on-chip circuitry, the chip package, and any off-chip components related to the receiver. AC coupling
Table 61. Transmitter Differential Output Eye Diagram Parameters
Transmitter Type
VDIFFmin (mV)
VDIFFmax (mV)
A (UI)
B (UI)
1.25 GBaud short range
250
500
0.175
0.39
1.25 GBaud long range
400
800
0.175
0.39
2.5 GBaud short range
250
500
0.175
0.39
2.5 GBaud long range
400
800
0.175
0.39
3.125 GBaud short range
250
500
0.175
0.39
3.125 GBaud long range
400
800
0.175
0.39
0
VDIFF min
VDIFF max
–VDIFF min
–VDIFF max
0B
1-B
1
Time in UI
A1-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com