Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
16
Freescale Semiconductor
Input Clocks
4.3
eTSEC Gigabit Reference Clock Timing
Table 6 provides the eTSEC gigabit reference clocks (EC_GTX_CLK125) AC timing specifications for
the MPC8548E.
4.4
PCI/PCI-X Reference Clock Timing
When the PCI/PCI-X controller is configured for asynchronous operation, the reference clock for the
PCI/PCI-x controller is not the SYSCLK input, but instead the PCIn_CLK. Table 7 provides the
PCI/PCI-X reference clock AC timing specifications for the MPC8548E.
Table 6. EC_GTX_CLK125 AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
EC_GTX_CLK125 frequency
fG125
—125
—
MHz
—
EC_GTX_CLK125 cycle time
tG125
—8
—
ns
EC_GTX_CLK125 rise and fall time
L/TVDD = 2.5 V
L/TVDD = 3.3 V
tG125R, tG125F
——
0.75
1.0
ns
1
EC_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%2, 3
Notes:
1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5 and 2.0 V for L/TVDD = 2.5 V, and from 0.6 and 2.7 V for
L/TVDD = 3.3 V.
2. Timing is guaranteed by design and characterization.
3. EC_GTX_CLK125 is used to generate the GTX clock TSEC
n_GTX_CLK for the eTSEC transmitter with 2% degradation.
EC_GTX_CLK125 duty cycle can be loosened from 47/53% as long as the PHY device can tolerate the duty cycle generated
by the TSEC
n_ GTX_CLK. See Section 8.2.6, “RGMII and RTBI AC Timing Specifications,” for duty cycle for 10Base-T and
100Base-T reference clock.
Table 7. PCI
n_CLK AC Timing Specifications
At recommended operating conditions (see Table 2) with OVDD = 3.3 V ± 165 mV.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
PCI
n_CLK frequency
fPCICLK
16
—
133
MHz
—
PCI
n_CLK cycle time
tPCICLK
7.5
—
60
ns
—
PCI
n_CLK rise and fall time
tPCIKH, tPCIKL
0.6
1.0
2.1
ns
1, 2
PCI
n_CLK duty cycle
tPCIKHKL/tPCICLK
40
—
60
%
2
Notes:
1. Rise and fall times for SYSCLK are measured at 0.6 and 2.7 V.
2. Timing is guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com