Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
29
Enhanced Three-Speed Ethernet (eTSEC)
Figure 7. FIFO Receive AC Timing Diagram
8.2.2
GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
8.2.2.1
GMII Transmit AC Timing Specifications
Table 26 provides the GMII transmit AC timing specifications.
Table 26. GMII Transmit AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
GMII data TXD[7:0], TX_ER, TX_EN setup time
tGTKHDV
2.5
—
—
ns
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.5
—
5.0
ns
GTX_CLK data clock rise time (20%–80%)
tGTXR
2
——
1.0
ns
GTX_CLK data clock fall time (80%–20%)
tGTXF
2
——
1.0
ns
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII transmit timing
(GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) reaching
the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect to the tGTX clock
reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold time. Note that, in
general, the clock reference symbol representation is based on three letters representing the clock of a particular functional.
For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).
2. Guaranteed by design.
tFIR
tFIRH
tFIRF
tFIRR
RX_CLK
RXD[7:0]
RX_DV
RX_ER
Valid Data
tFIRDV
tFIRDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com