Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
12
Freescale Semiconductor
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of this device.
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD/BVDD/TVDD
The core voltage must always be provided at nominal 1.1 V. Voltage to the processor interface I/Os are
provided through separate sets of supply pins and must be provided at the voltages shown in Table 2. The
input voltage threshold scales with respect to the associated I/O supply voltage. OVDD and LVDD based
receivers are simple CMOS I/O circuits and satisfy appropriate LVCMOS type specifications. The DDR
SDRAM interface uses a single-ended differential receiver referenced the externally supplied MVREF
signal (nominally set to GVDD/2) as is appropriate for the SSTL2 electrical signaling standard.
Junction temperature range
Tj
0 to 105
°C—
Notes:
1. This voltage is the input to the filter discussed in Section 21.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4. Caution: L/TVIN must not exceed L/TVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
B/G/L/O/TVDD + 20%
B/G/L/O/TVDD
B/G/L/O/TVDD + 5%
of tCLOCK
1
1. tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Notes:
2. Please note that with the PCI overshoot allowed (as specified above), the device
does not fully comply with the maximum AC ratings and device protection
guideline outlined in the PCI rev. 2.2 standard (section 4.2.2.3).
For I2C and JTAG, tCLOCK references SYSCLK.
For DDR, tCLOCK references MCLK.
For eTSEC, tCLOCK references EC_GTX_CLK125.
For LBIU, tCLOCK references LCLK.
For PCI, tCLOCK references PCIn_CLK or SYSCLK.
For SerDes, tCLOCK references SD_REF_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com