Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
45
Local Bus
Figure 23 through Figure 28 show the local bus signals.
Figure 23. Local Bus Signals (PLL Enabled)
Table 42 describes the timing parameters of the local bus interface at BVDD = 3.3 V with PLL disabled.
Table 42. Local Bus Timing Parameters—PLL Bypassed
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
12
—
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
Internal launch/capture clock to LCLK delay
tLBKHKT
2.3
4.4
ns
8
Input setup to local bus clock (except LGTA/LUPWAIT)
tLBIVKH1
6.2
—
ns
4, 5
LGTA/LUPWAIT input setup to local bus clock
tLBIVKL2
6.1
—
ns
4, 5
Input hold from local bus clock (except LGTA/LUPWAIT)
tLBIXKH1
–1.8
—
ns
4, 5
LGTA/LUPWAIT input hold from local bus clock
tLBIXKL2
–1.3
—
ns
4, 5
LALE output transition to LAD/LDP output transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKLOV1
—
–0.3
ns
—
Local bus clock to data valid for LAD/LDP
tLBKLOV2
—
–0.1
ns
4
Output Signals:
LA[27:31]/LBCTL/LBCKE/LOE/
LSDA10/LSDWE/LSDRAS/
LSDCAS/LSDDQM[0:3]
tLBKHOV1
tLBKHOV2
tLBKHOV3
LSYNC_IN
Input Signals:
LAD[0:31]/LDP[0:3]
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
Output (Address) Signal:
LAD[0:31]
LALE
tLBIXKH1
tLBIVKH1
tLBIVKH2
tLBIXKH2
tLBKHOX1
tLBKHOZ1
tLBKHOX2
tLBKHOZ2
Input Signal:
LGTA
tLBOTOT
tLBKHOZ2
tLBKHOX2
tLBKHOV4
LUPWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com