Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
62
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 38. Differential Voltage Definitions for Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (current mode logic)
transmitter that has a common mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing
that goes between 2.5 and 2.0 V. Using these values, the peak-to-peak voltage swing of each signal (TD or
TD) is 500 mVp-p, which is referred as the single-ended swing for each signal. In this example, since the
differential signaling environment is fully symmetrical, the transmitter output’s differential swing (VOD)
has the same amplitude as each signal’s single-ended swing. The differential output signal ranges between
500 and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak
differential voltage (VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p) is 1000 mVp-p.
15.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by
the corresponding SerDes lanes. The SerDes reference clocks inputs are SD_REF_CLK and
SD_REF_CLK for PCI Express and serial RapidIO.
The following sections describe the SerDes reference clock requirements and some application
information.
15.2.1
SerDes Reference Clock Receiver Characteristics
Figure 39 shows a receiver reference diagram of the SerDes reference clocks.
•
The supply voltage requirements for XVDD_SRDS2 are specified in Table 1 and Table 2.
•
SerDes Reference clock receiver reference circuit structure:
— The SD_REF_CLK and SD_REF_CLK are internally AC-coupled differential inputs as shown
in Figure 39. Each differential clock input (SD_REF_CLK or SD_REF_CLK) has a 50-
Ω
termination to SGND_SRDSn (xcorevss) followed by on-chip AC-coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. Refer to the
differential mode and single-ended mode description below for further detailed requirements.
Differential Swing, VID or VOD = A – B
A Volts
B Volts
SD_TX or
SD_RX
SD_TX or
SD_RX
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2*VDIFFp (not shown)
Vcm = (A + B)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com