Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
89
Package Description
18.3
Pinout Listings
NOTE
The DMA_DACK[0:1] and TEST_SEL/TEST_SEL pins must be set to a
proper state during POR configuration. Please refer to the pinlist table of the
individual device for more details.
For MPC8548/47/45, GPIOs are still available on
PCI1_AD[63:32]/PC2_AD[31:0] pins if they are not used for PCI
functionality.
For MPC8545/43, eTSEC does not support 16 bit FIFO mode.
Table 67 provides the pinout listing for the MPC8548E 783 FC-PBGA package.
Table 67. MPC8548E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 and PCI2 (One 64-Bit or Two 32-Bit)
PCI1_AD[63:32]/PCI2_AD[31:0]
AB14, AC15, AA15, Y16, W16, AB16, AC16,
AA16, AE17, AA18, W18, AC17, AD16, AE16,
Y17, AC18, AB18, AA19, AB19, AB21, AA20,
AC20, AB20, AB22, AC22, AD21, AB23, AF23,
AD23, AE23, AC23, AC24
I/O
OVDD
17
PCI1_AD[31:0]
AH6, AE7, AF7, AG7, AH7, AF8, AH8, AE9,
AH9, AC10, AB10, AD10, AG10, AA10, AH10,
AA11, AB12, AE12, AG12, AH12, AB13, AA12,
AC13, AE13, Y14, W13, AG13, V14, AH13,
AC14, Y15, AB15
I/O
OVDD
17
PCI1_C_BE[7:4]/PCI2_C_BE[3:0]
AF15, AD14, AE15, AD15
I/O
OVDD
17
PCI1_C_BE[3:0]
AF9, AD11, Y12, Y13
I/O
OVDD
17
PCI1_PAR64/PCI2_PAR
W15
I/O
OVDD
PCI1_GNT[4:1]
AG6, AE6, AF5, AH5
O
OVDD
5, 9, 35
PCI1_GNT0
AG5
I/O
OVDD
—
PCI1_IRDY
AF11
I/O
OVDD
2
PCI1_PAR
AD12
I/O
OVDD
—
PCI1_PERR
AC12
I/O
OVDD
2
PCI1_SERR
V13
I/O
OVDD
2, 4
PCI1_STOP
W12
I/O
OVDD
2
PCI1_TRDY
AG11
I/O
OVDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com