Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
28
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC)
A summary of the FIFO AC specifications appears in Table 24 and Table 25.
Timing diagrams for FIFO appear in Figure 6 and Figure 7.
Figure 6. FIFO Transmit AC Timing Diagram
Table 24. FIFO Mode Transmit AC Timing Specification
Parameter/Condition
Symbol
Min
Typ
Max
Unit
TX_CLK, GTX_CLK clock period
tFIT
5.3
8.0
100
ns
TX_CLK, GTX_CLK duty cycle
tFITH/tFIT
45
50
55
%
TX_CLK, GTX_CLK peak-to-peak jitter
tFITJ
——
250
ps
Rise time TX_CLK (20%–80%)
tFITR
—
—
0.75
ns
Fall time TX_CLK (80%–20%)
tFITF
—
—
0.75
ns
FIFO data TXD[7:0], TX_ER, TX_EN setup time to GTX_CLK
tFITDV
2.0
—
—
ns
GTX_CLK to FIFO data TXD[7:0], TX_ER, TX_EN hold time
tFITDX
0.5
—
3.0
ns
Table 25. FIFO Mode Receive AC Timing Specification
Parameter/Condition
Symbol
Min
Typ
Max
Unit
RX_CLK clock period
tFIR
5.3
8.0
100
ns
RX_CLK duty cycle
tFIRH/tFIR
45
50
55
%
RX_CLK peak-to-peak jitter
tFIRJ
——
250
ps
Rise time RX_CLK (20%–80%)
tFIRR
—
—
0.75
ns
Fall time RX_CLK (80%–20%)
tFIRF
—
—
0.75
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tFIRDV
1.5
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tFIRDX
0.5
—
—
ns
Note:
1. The minimum cycle period of the TX_CLK and RX_CLK is dependent on the maximum platform frequency of t he speed bins
the part belongs to as well as the FIFO mode under operation. Refer to Section 4.5, “Platform to FIFO Restrictions.”
tFIT
tFITH
tFITF
TXD[7:0]
TX_EN
GTX_CLK
TX_ER
tFITR
tFITDV
tFITDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com