Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
85
Serial RapidIO
17.8
Receiver Eye Diagrams
For each baud rate at which an LP-serial receiver is specified to operate, the receiver shall meet the
corresponding bit error rate specification (Table 62, Table 63, Table 64) when the eye pattern of the
receiver test signal (exclusive of sinusoidal jitter) falls entirely within the unshaded portion of the receiver
input compliance mask shown in Figure 54 with the parameters specified in Table 65. The eye pattern of
the receiver test signal is measured at the input pins of the receiving device with the device replaced with
a 100-
Ω ± 5% differential resistive load.
Figure 54. Receiver Input Compliance Mask
17.9
Measurement and Test Requirements
Since the LP-serial electrical specification are guided by the XAUI electrical interface specified in
Clause 47 of IEEE Std. 802.3ae-2002, the measurement and test requirements defined here are similarly
guided by Clause 47. In addition, the CJPAT test pattern defined in Annex 48A of IEEE Std. 802.3ae-2002
Table 65. Receiver Input Compliance Mask Parameters Exclusive of Sinusoidal Jitter
Receiver Type
VDIFFmin
(mV)
VDIFFmax
(mV)
A (UI)
B (UI)
1.25 GBaud
100
800
0.275
0.400
2.5 GBaud
100
800
0.275
0.400
3.125 GBaud
100
800
0.275
0.400
1
0
VDIFF max
–VDIFF max
VDIFF min
–VDIFF min
Time (UI)
0
AB
1-B
1-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com