Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
69
PCI Express
16.1
DC Requirements for PCI Express SD_REF_CLK and
SD_REF_CLK
For more information, see Section 15.2, “SerDes Reference Clocks.”
16.2
AC Requirements for PCI Express SerDes Clocks
Table 51 lists the AC requirements for the PCI Express SerDes clocks.
16.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
16.4
Physical Layer Specifications
The following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer refer to PCI Express Base
Specification. Rev. 1.0a.
16.4.1
Differential Transmitter (TX) Output
Table 52 defines the specifications for the differential output at all transmitters (TXs). The parameters are
specified at the component pins.
Table 51. SD_REF_CLK and SD_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
tREF
REFCLK cycle time
—
10
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any two
adjacent REFCLK cycles.
—
—
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to mean edge
location.
–50
—
50
ps
—
Note:
1. Typical based on
PCI Express Specification 2.0.
Table 52. Differential Transmitter (TX) Output Specifications
Symbol
Parameter
Min
Nom
Max
Unit
Comments
UI
Unit interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not account
for spread spectrum clock dictated variations.
See Note 1.
VTX-DIFFp-p
Differential
peak-to-peak
output voltage
0.8
—
1.2
V
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D–|. See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com