Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
41
Local Bus
Figure 21 shows the MII management AC timing diagram.
Figure 21. MII Management Interface Timing Diagram
10 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8548E.
10.1
Local Bus DC Electrical Characteristics
Table 38 provides the DC electrical characteristics for the local bus interface operating at BVDD =
3.3 V DC.
Table 38. Local Bus DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = BVDD)IIN
—±5
μA
High-level output voltage (BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage (BVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the BVIN symbol referenced in Table 1 and Table 2.
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com