Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548E Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
86
Freescale Semiconductor
Serial RapidIO
is specified as the test pattern for use in eye pattern and jitter measurements. Annex 48B of IEEE Std.
802.3ae-2002 is recommended as a reference for additional information on jitter test methods.
17.9.1
Eye Template Measurements
For the purpose of eye template measurements, the effects of a single-pole high pass filter with a 3 dB point
at (baud frequency)/1667 is applied to the jitter. The data pattern for template measurements is the
continuous jitter test pattern (CJPAT) defined in Annex 48A of IEEE 802.3ae. All lanes of the LP-serial
link shall be active in both the transmit and receive directions, and opposite ends of the links shall use
asynchronous clocks. Four lane implementations shall use CJPAT as defined in Annex 48A. Single lane
implementations shall use the CJPAT sequence specified in Annex 48A for transmission on lane 0. The
amount of data represented in the eye shall be adequate to ensure that the bit error ratio is less than 10–12.
The eye pattern shall be measured with AC coupling and the compliance template centered at 0 V
differential. The left and right edges of the template shall be aligned with the mean zero crossing points of
the measured data eye. The load for this test shall be 100-
Ω resistive ± 5% differential to 2.5 GHz.
17.9.2
Jitter Test Measurements
For the purpose of jitter measurement, the effects of a single-pole high pass filter with a 3 dB point at (baud
frequency)/1667 is applied to the jitter. The data pattern for jitter measurements is the Continuous Jitter test
pattern (CJPAT) pattern defined in Annex 48A of IEEE 802.3ae. All lanes of the LP-serial link shall be
active in both the transmit and receive directions, and opposite ends of the links shall use asynchronous
clocks. Four lane implementations shall use CJPAT as defined in Annex 48A. Single lane implementations
shall use the CJPAT sequence specified in Annex 48A for transmission on lane 0. Jitter shall be measured
with AC coupling and at 0 V differential. Jitter measurement for the transmitter (or for calibration of a jitter
tolerance setup) shall be performed with a test procedure resulting in a BER curve such as that described
in Annex 48B of IEEE 802.3ae.
17.9.3
Transmit Jitter
Transmit jitter is measured at the driver output when terminated into a load of 100
Ω resistive ± 5%
differential to 2.5 GHz.
17.9.4
Jitter Tolerance
Jitter tolerance is measured at the receiver using a jitter tolerance test signal. This signal is obtained by first
producing the sum of deterministic and random jitter defined in Section 17.7, “Receiver Specifications,”
and then adjusting the signal amplitude until the data eye contacts the 6 points of the minimum eye opening
of the receive template shown in Figure 54 and Table 65. Note that for this to occur, the test signal must
have vertical waveform symmetry about the average value and have horizontal symmetry (including jitter)
about the mean zero crossing. Eye template measurement requirements are as defined above. Random
jitter is calibrated using a high pass filter with a low frequency corner at 20 MHz and a 20 dB/decade
roll-off below this. The required sinusoidal jitter specified in Section 17.7, “Receiver Specifications,” is
then added to the signal and the test load is replaced by the receiver being tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com